PART |
Description |
Maker |
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
MAX4622CPE MAX4622CSE MAX4622EPE MAX4622ESE MAX462 |
Dual, 5?Analog Switches Dual / 5 Analog Switches Dual.5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Analog Switches Dual, 5 Analog Switches Dual 5 Analog Switches Dual, 5з Analog Switches
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IDT7284L15 IDT7282L15PAI IDT7281L12 IDT7280L12 IDT |
ACB 5C 2#8 3#12 PIN PLUG CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 1K X 9 BI-DIRECTIONAL FIFO, 15 ns, PDSO56 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO256 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO56 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 1K x 9 DualAsync FIFO, 5.0V 8K x 9 DualAsync FIFO, 5.0V 256 x 9 DualAsync FIFO, 5.0V 512 x 9 DualAsync FIFO, 5.0V 4K x 9 DualAsync FIFO, 5.0V 2K x 9 DualAsync FIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
AAT4670IKS-B1 AAT4670IHS-T1 AAT4670IHS-B1 AAT4670I |
Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] Dual-Input Dual-Output Load Switches Dual-Input/ Dual-Output Load Switches Dual-Input, Dual-Output Load Switches
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
LTC4221-15 |
Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
|
Linear Technology
|
74AVCH2T45GS |
Dual-bit, dual-supply voltage level translator-transceiver; 3-state AVC SERIES, DUAL 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
|